Part Number Hot Search : 
72633K1 AN440 GP2S6005 206R56M2 UPD4364 CS1000 NJW4351 APT15
Product Description
Full Text Search
 

To Download 1N4460US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * AVAILABLE IN JAN, JANTX, JANTXV AND PER MIL-PRF-19500/406 * 1.5 WATT ZENER DIODES * NON CAVITY CONSTRUCTION * METALLURGICALLY BONDED
JANS
1N6485US THRU 1N6491US AND 1N4460US AND 1N4461US
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +200C Power Dissapation: 1.5W @ TA=+25C Power Derating: 10mW/C above TA=+25C Forward Voltage: 1.0V dc @ IF=200mA dc 1.5 V dc @ IF=1A dc
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
ZENER TEST DYNAMIC KNEE TEST REVERSE TEST MAXIMUM VZ (REG) MAXIMUM VOLTAGE CURRENT IMPEDENCE IMPEDENCE CURRENT CURRENT VOLTAGE CURRENT VZ SURGE (NOM.) IZT (MAX.) (MAX.) IZK (MAX.) VR IZM 5% ZZT@IZT ZZK@IZT IR@VR A VOLTS mA OHMS OHMS mA VOLTS MA VOLTS AMPS 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 76.0 69.0 64.0 58.0 53.0 49.0 45.0 40.0 37.0 10 10 9 9 8 7 5 4 2.5 400 400 400 400 500 500 600 200 200 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 50 50 35 5.0 4.0 1.0 0.5 10.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.72 4.08 433 397 366 332 304 280 255 230 210 .90 .80 .75 .70 .60 .50 .40 .35 .30 4.2 3.9 3.6 3.3 3.0 2.7 2.5 2.3 2.1
DIM D F G S
MILLIMETERS MIN MAX 2.31 2.62 0.48 0.71 4.28 5.08 0.08MIN.
INCHES MIN MAX 0.091 0.103 0.019 0.028 0.168 0.200 0.003MIN.
TYPE
FIGURE 1
1N6485US 1N6486US 1N6487US 1N6488US 1N6489US 1N6490US 1N6491US 1N4460US 1N4461US
DESIGN DATA
CASE: D-5A, hermetically sealed glass case, per MIL-PRF- 19500/406 LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 20 C/W maximum at L = 0 THERMAL IMPEDANCE: (ZOJX): 4.5 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive.
MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately + 4PPM / C. The COE of the Mounting Surface System should be selected to provide a suitable match with this device.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (781) 689-0803 WEBSITE: http://www.microsemi.com
153
1N6485US
thru
1N6491US and 1N4460US and 1N4461US
FIGURE 2
Pd. Power Dissipation (WATTS)
1.5
1.0
O.5
0
25
50 75 100 125 150 TA, AMBIENT TEMPERATURE (C)
175
POWER DERATING CURVE
1000
500 400 300 200 ZENER IMPEDANCE ZZT (OHMS) 100 50 40 30 20 10 5 4 3 2 1 .1 .2 .5 1 2 5 10 20 50 100 OPERATING CURRENT IZT (mA)
3.3 VOLT 5.1 VOLT
6.2 VOLT
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
154


▲Up To Search▲   

 
Price & Availability of 1N4460US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X